PART |
Description |
Maker |
D16450 |
Configurable UART
|
Digital Core Design
|
TS87C51U2NBSP TS80C51U2NBSP TS87C51U2 TS83C51U2 TS |
Single Point to Point IEEE 1355 High Speed Controller Double UART 8-bit CMOS Microcontroller From old datasheet system Double UART 8-bit microcontroller ROMless Double UART 8-bit microcontroller 16 Kbytes OTP
|
ATMEL Corporation
|
IDT74SSTUB32866BBFG IDT74SSTU32866BBFG IDT74SSTUB3 |
1.8V CONFIGURABLE BUFFER WITH PARITY 1.8V CONFIGURABLE BUFFER WITH ADDRESSPARITY TEST
|
Integrated Device Technology
|
MCP2120-I MCP2120T-I/SL MCP2120-I/P MCP2120-I/SL |
The MCP2120 is a low-cost, high-performance, fully-static infrared encoder/decoder. This device sits between a UART and an infrared (IR) optical transceiver The data received from a standard UART is encoded (modulated), and output as elect MCP2120 is a low-cost, high-performance, fully-static infrared encoder/decoder. This device sits between a UART and an infrared (IR) ... IC,ENCODER/DECODER, TELECOMM/DATACOMM,CMOS,SOP,14PIN,PLASTIC
|
Microchip Technology Inc
|
81C17 COM81C17 |
TWENTY PIN UART (TPUART) TWENTY PIN UART (TPUART) 第二十七密码器(UART TPUART
|
SMSC[SMSC Corporation] ETC SMSC, Corp.
|
FXL5T244BQX FXL5T244 |
Low Voltage Dual Supply 5-Bit Signal Translator with Configurable Voltage Supplies with Configurable Voltage Supplies 低电压双电源5位信号翻译与配置电压供应可配置电压供 Low Voltage Dual Supply 5-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NC7SZ57P6X NC7SZ58L6X NC7SZ58P6X NC7SZ57 NC7SZ57L6 |
TinyLogic UHS Universal Configurable 2-Input SPECIALTY LOGIC CIRCUIT, BCC6 TinyLogic UHS Universal Configurable 2-Input SPECIALTY LOGIC CIRCUIT, PDSO6 TinyLogic UHS Universal Configurable 2-Input TinyLogic UHS Universal Configurable 2-Input
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ST16C2550 ST16C2550CJ44 ST16C2550CP40 ST16C2550CQ4 |
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFO’S DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
|
EXAR[Exar Corporation]
|
XR88C92 XR88C92CJ XR88C92CP XR88C92CV XR88C92IJ XR |
Dual UART with 16 Bytes Transmit and Receive FIFO DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER Dual UART with 8 Bytes Transmit and Receive FIFO
|
EXAR[Exar Corporation]
|
ST16C580 ST16C580CJ44 ST16C580CP40 ST16C580CQ48 ST |
UART WITH 16-BYTE FIFO’s AND INFRARED (IrDA) ENCODER/DECODER UART WITH 16-BYTE FIFOs AND INFRARED (IrDA) ENCODER/DECODER
|
EXAR[Exar Corporation]
|
MAX3110E05 MAX3110ECNI MAX3111ECNI MAX3110E MAX311 |
SPI/MICROWIRE-Compatible UART and ±15kV ESDProtected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and 卤15kV ESDProtected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and 隆戮15kV ESDProtected RS-232 Transceivers with Internal Capacitors
|
Maxim Integrated Products
|
HD3-6402R-9 |
UART 异步
|
Intersil, Corp.
|